|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10/100 PC CARD LAN MAGNETICS MODULES RoHS-5 peak reflow temperature rating 235C RoHS-6 peak reflow temperature rating 245C Low profile packages from .094" (2,39mm) to .078" (1,98mm) for PC card and cardbus applications Electrical Specifications @ 25C -- Operating Temperature 0C to 70C RoHS-5 Compliant Part Number 3 RoHS-6 Compliant Part Number 4 Turns Ratio (5%) TX RX Insertion Loss (dB MAX) 100 kHz-100 MHz 30 MHz Return Loss (dB MIN) 60 MHz 80 MHz Differential to Common Mode Rejection (dB MIN) 30 MHz 50 MHz 100 MHz Crosstalk (dB MIN) 30 MHz 62 MHz 100 MHz Hipot (Vrms MIN) PE-69012 H0001 H0002 H0009 H0013 H0019 H0020 H0022 H0025 1. 2. 3. 4. H0009 NL2a H0013 NL2a H0019NL2a H0020NL2a H0022NL2a H0025NL2a 1:1 2 :1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 -1.3 -2.0 -1.3 -0.9 -0.9 -0.9 -1.0 -2.0 -2.0 -18 -18 -18 -16 -16 -18 -16 -18 -18 -13 -12 -13 -12 -12 -12 -12 -14 -12 -11 -10 -11 -11 -11 -11 -12 -12 -12 -40 -30 -30 -35 -35 -40 -42 -40 -40 -35 -30 -30 -33 -33 -- -- -35 -35 -30 -30 -30 -20 -20 -30 -33 -30 -30 -40 -40 -40 -50 -50 -45 -45 -50 -45 -40 -40 -35 -45 -45 -45 -40 -45 -45 -35 -35 -30 -40 -40 -37 -35 -40 -37 1500 1500 1500 1500 1500 1500 1500 1500 1500 Add "T" for Tape & Reel packaging, e.g. PE-69012T. MSL (Moisture Sensitivity Level): a=1, b=2, c=3, d=4, e=5. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder). RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature solder (solder alloys containing more than 85% lead). Mechanicals PE-69012, H0001 .010 X .020 0,25 X 0,51 .200 5,08 .585 .705 14,86 17,91 .525 .685 13,34 17,40 MAX .200 5,08 .600 15,24 12X .030 0,76 H0002 2X .150 3,81 .600 MAX 15,24 4X .100 2,54 .080 TYP 2,03 2X .150 3,81 4X .100 2,54 Date Code Country of Origin 8X 8X .100 2,54 .094 MAX 2,39 .800 MAX 20,32 .004/0,10 12 Surfaces .040 12 X 1,02 .100 2,54 DATE CODE COUNTRY OF ORIGIN .650 .800 MAX 16,51 20,32 .820 20,83 .450 11,43 4X .050 1,27 TYP .075 1,91 4X .050 2,27 .030 0,76 0 8 .450 15,24 .084 MAX 2,13 0 8 .004/0,10 12 Surfaces 12X .040 1,02 Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .600/reel Tube . . . . . . . . . . . .25/tube Inches .010 Dimensions: mm Unless otherwise specified, all tolerances are 0,25 Weight . . . . . . . .1.2 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . 35/tube USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228 www.pulseeng.com 1 H304.G (8/06) 10/100 PC CARD LAN MAGNETICS MODULES Mechanicals H0013, H0019* .350 8,89 H0009 .055 1,40 .560 14,22 .500 MAX 12,70 DATE CODE COUNTRY OF ORIGIN H0013/19 .280 .380 MAX MAX 7,11 9,65 .290 .410 7,37 10,41 .030 0,76 .350 TYP 8,89 .078 MAX 1,98 .020 16X 0,51 .050 7X 1,27 .010 0,25 16X H0009 .050 1,27 16 X 0 8 16X 0,89 .047 1,19 DATE CODE COUNTRY OF ORIGIN .560 .670 14,22 17,01 .590 14,99 * .050 1,27 .082 MAX 2,08 .030 0,76 .050 1,27 TYP .004/0,10 *The H0019 has a Max height of.035 (0,22 mm) .086" 16 Surfaces 0 8 .005/0,13 16 SURFACES 16X.030 0,76 .003 0,08 Weight . . . . . . . . ..3 grams Tape & Reel . . . . .2000/reel Tube . . . . . . . . . . . .40/tube Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25 Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . .25/tube H0020 H0022, H0025 .500 12,70 .350 8,89 .150 3,81 .465 11,81 .410 .525 10,41 13,34 .400 .495 10,16 12,57 .150 3,81 .340 . 450 8,63 11,43 .020 0,51 .050 8X 1,27 12X .030 0,76 .150 3,81 DATE CODE COUNTRY OF ORIGIN H0020 12X .020 0,51 .077 MAX 1,96 8X .050 1,27 .350 8,89 .050 8X 1,27 .030 12X 0,76 DATE CODE COUNTRY OF ORIGIN H0022/25 .360 .475 9,14 12,07 8X .050 1,27 .350 8,89 12X .350 8,89 12X 0 8 .010 0,25 .004/0,10 12 SURFACES 12X .040 1,02 .085 MAX 2,16 12X 0 8 .010 0,25 .004/0,10 12 SURFACES 12X .040 1,02 Weight . . . . . . . . .4 grams Tape & Reel . . . . . .500/reel Tube . . . . . . . . . . . .40/tube Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25 Weight . . . . . . .355 grams Tape & Reel . . . . .1000/reel Tube . . . . . . . . . . . .40/tube USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228 www.pulseeng.com 2 H304.G (8/06) 10/100 PC CARD LAN MAGNETICS MODULES Schematics PE-69012, H0001 RECEIVE RD+ 2 CT 1 14 12 RXTRANSMIT TD+ 5 CT 7 8 9 TX10 TX+ 13 RX+ TD+ 1 CT 4 TD- 2 1:1 RECEIVE H0002 TRANSMIT 20 TX+ 17 19 TX- RD- 3 RD+ 9 7 RD-10 1:1 12 RX+ 14 CT 11 RX- TD- 6 NOTE: Transmit and receive channels are interchangeable on the PE-69012. H0009, H0013, H0019, H0025 RD+ 1 H0020 RECEIVE 1:1 16 RX+ TD+ 1 TCT 3 14 TXT TRANSMIT 16 TX+ RD- 2 3 CT TRANSMIT 6 CT TD+ 7 15 RX14 CT TD- 2 1:1 RECEIVE 15 TX- RD+ 7 10 RX+ RCT 6 11 RXT 11 CT 10 TX+ RD- 8 1:1 9 RX- TD- 8 1:1 9 TXRECEIVE RD+ 1 RCT3 RD- 2 16 RX+ 14 RCT H0022 1:1 TRANSMIT 15 RX- TD+ 7 TCT 6 TD- 8 10 TX+ 11 TCT 1:1 9 TX- USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 32181071 * China 86 769 5538070 * Taiwan 886 2 26980228 www.pulseeng.com 3 H304.G (8/06) 10/100 PC CARD LAN MAGNETICS MODULES Application Circuits .01 mF H0001 CT 1 14 CT 13 RX+ LAN I/O Connector A1 A2 QSI 66II 10/100Base-TX Ethernet Transceiver RX+ RD+ 2 RX- RD- 3 12 RX- TX+ TD+ 5 10 TX+ A15 TXTD- 6 CT 7 9 TX8 CT .1 mF 2 KV .01 mF A14 Chassis Ground H0009 TDK TSC78Q2120 10/100Base-TX Ethernet Transceiver LAN I/O Connector RXIP RD+ 1 16 RX+ A15 RXIN RD- 2 CT 3 .01 F RX 15 RX14 CT 11 CT 10 TX+ A14 TXOP CT 6 TD+ 7 A1 TXON TD- 8 TX 9 TX- A2 .01 F .1 F 2 KV Chassis Ground For More Information: Pulse Worldwide Headquarters 12220 World Trade Dr. San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262 Pulse European Headquarters Einsteinstrasse 1 71083 Herrenberg Germany TEL: 49 7032 7806 0 FAX: 49 7032 7806 12 Pulse China Headquarters No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870 Pulse North China Room 1503 XinYin Building No. 888 YiShan Rd. Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210 Pulse South Asia 150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080 Pulse North Asia No. 26 Kao Ching Rd. Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911 Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved. www.pulseeng.com 4 H304.G (8/06) |
Price & Availability of H0022 |